Part Number Hot Search : 
0Q101 AM9128 2SB1463G FDP603 B0419 1N4007G 2880150 K4T1G
Product Description
Full Text Search
 

To Download 2SC4861 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:EN4581
NPN Epitaxial Planar Silicon Transistor
2SC4861
UHF Converter, Local Oscillator Applications
Features
* High cutoff frequency : fT=6.5GHz typ. * High gain : S21e2=11.5dB typ (f=1GHz). * Small Cob : NF=0.65pF typ.
Package Dimensions
unit:mm 2018B
[2SC4861]
0.5
0.4 3 0.16
0~0.1
0.5
1
0.95 0.95 2 1.9 2.9
1.5
2.5
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Conditions
1 : Base 2 : Emitter 3 : Collector SANYO : CP
0.8 1.1
Ratings 20 10 2 30 200 150 -55 to +150
Unit V V V mA mW C C
Electrical Characteristics at Ta = 25C
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain-Bandwidth Product Output Capacitance Forward Transfer Gain Noise Figure Symbol ICBO IEBO hFE fT Cob | S21e |2 NF VCB=10V, IE=0 VEB=1V, IC=0 VCE=5V, IC=5mA VCE=5V, IC=5mA VCB=10V, f=1MHz VCE=5V, IC=5mA, f=1GHz VCE=5V, IC=5mA, f=1GHz 8 60* 6.5 0.65 11.5 2.2 4.0 1.1 Conditions Ratings min typ max 1.0 10 270* GHz pF dB dB Unit A A
* : The 2SC4861 is classified by 5mA hFE as follows : Marking : EN hFE rank : 3, 4, 5
60
3
120
90
4
180
135
5
270
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
12099HA (KT)/41894HO (KOTO) AX-9948 No.4581-1/4
2SC4861
No.4581-2/4
2SC4861
S parameter
No.4581-3/4
2SC4861
S parameter (Common emitter)
VCE=5V, IC=2mA, ZO=50
Freq (MHz) 200 400 600 800 1000 1200 1400 1600 1800 2000 | S11 | 0.868 0.737 0.604 0.503 0.420 0.367 0.312 0.272 0.254 0.232 S11 -25.9 -46.6 -64.1 -78.5 -91.5 -103.8 -115.4 -128.6 -140.6 -150.6 | S21 | 5.790 4.868 4.170 3.570 3.117 2.731 2.457 2.232 2.042 1.906 S21 153.2 133.9 118.7 106.4 96.2 87.6 79.9 72.5 67.0 61.5 | S12 | 0.048 0.084 0.107 0.125 0.138 0.151 0.161 0.170 0.182 0.196 S12 73.9 62.5 55.8 52.0 49.9 48.8 48.6 48.9 49.4 50.2 | S22 | 0.944 0.839 0.747 0.672 0.622 0.583 0.553 0.534 0.516 0.511 S22 -14.5 -25.6 -32.6 -37.6 -41.5 -44.9 -48.0 -51.1 -54.5 -57.2
VCE=5V, IC=5mA, ZO=50
Freq (MHz) 200 400 600 800 1000 1200 1400 1600 1800 2000 | S11 | 0.714 0.508 0.378 0.294 0.245 0.211 0.185 0.173 0.180 0.174 S11 -41.8 -67.9 -86.7 -101.5 -116.0 -130.0 -145.8 -158.5 -172.1 178.9 | S21 | 10.073 7.241 5.499 4.414 3.675 3.167 2.783 2.481 2.252 2.098 S21 140.4 118.0 104.1 93.7 85.5 78.3 72.2 66.2 61.8 57.1 | S12 | 0.042 0.066 0.084 0.100 0.116 0.132 0.148 0.164 0.181 0.201 S12 68.2 60.2 58.5 58.9 59.3 59.6 59.8 59.8 59.8 59.4 | S22 | 0.858 0.693 0.603 0.550 0.522 0.503 0.488 0.479 0.472 0.468 S22 -20.7 -29.6 -32.7 -34.8 -37.5 -40.3 -43.2 -46.7 -50.3 -53.3
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of January, 1999. Specifications and information herein are subject to change without notice.
PS No.4581-4/4


▲Up To Search▲   

 
Price & Availability of 2SC4861

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X